PART |
Description |
Maker |
OM7670SM OM7670ST OM7671ST OM7671SM OM7670 OM7670N |
1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
ICL8018A-C ICL8018A-M HI-DAC80V5 HI-DAC85V4 ICL802 |
Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 转换器IC Converter IC 转换器IC Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 转换器IC Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Constant-Voltage/Constant-Current Battery Charger; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C ConverterIC
|
Analog Devices, Inc. Intersil, Corp. M.S. Kennedy, Corp.
|
NCP1117ST12T3 NCV1117ST15T3G |
1.0 A, 12V, Low Dropout Voltage Regulator; Package: SOT-223 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 4000 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4
|
ON Semiconductor
|
FAN2511 FAN2510 FAN2510S25X FAN2510S26X FAN2510S27 |
100 mA CMOS LDO Regulators with Fast Start Enable Low-dropout Voltage Regulator; Package: SOT-23; No of Pins: 5; Container: Tape & Reel 2.7 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
OM185NR OM185SM OM185SR OM186NR OM186SM OM186SR |
Three Terminal, Adjustable Low Dropout 2.0 Amp And 1.0 Amp Positive Voltage Regulators
|
International Rectifier
|
MAX6133 MAX6133AASA41T MAX6133AASA41-T MAX6133BASA |
3ppm/°C, Low-Power, Low-Dropout Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 3ppm/°C, Low-Power, Low-Dropout Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 " 3ppm/??C, Low-Power, Low-Dropout Voltage Reference"
|
Maxim Integrated Products, Inc.
|
H1084U H1084-3.3U H1085-3.3E H1085E |
1.3-4V 3A low dropout positive voltage regulator 5.0 AMP POSITIVE VOLTAGE REGULATOR Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; No. of Contacts:29; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR 3.3V 3A low dropout positive voltage regulator
|
HSMC CORP. HSMC[Hi-Sincerity Mocroelectronics] HI-SINCERITH Hi-Sincerity Microelectronics
|
TS1082 TS1082CZ TS1082CZ-2.5 TS1082CZ-3.3 TS1082CZ |
5.0 AMP POSITIVE VOLTAGE REGULATOR 10 Amp Low Dropout Positive Voltage Regulator Analog IC: Low Drop Out Voltage Regulators
|
Taiwan Semiconductor Co., Ltd. Taiwan Semiconductor Company, Ltd
|
LT1185_06 LT1185 LT1185CQ LT1185CT LT1185IQ LT1185 |
Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.5 V-25 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3009ESC8TRMPBF LT3009IDC-2.5 LT3009IDC-1.5TRPBF |
3µA IQ, 20mA Low Dropout Linear Regulators; Package: SC70; No of Pins: 8; Temperature Range: -40°C to 125°C 0.6 V-19.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO6 3µA IQ, 20mA Low Dropout Linear Regulators; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SPX29501T5-L-5.0 SPX29501T5-L-5.0/TR SPX29500T-L-2 |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 5A低压差线性稳压器可调 1.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 TO-263, 3 PIN Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 5A Low Dropout Voltage Regulator, 1%
|
TAEJIN Technology Co., Ltd. Exar, Corp. Sipex Corporation
|
NCP5661MN15T2G NCP5661MN25T2G |
Low Output Voltage, Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable
|
ON SEMICONDUCTOR
|